PART |
Description |
Maker |
H.QL5-300KV-3.0A |
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
|
Anshan Suly Electronics
|
3QL5-500KV-0.2A |
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
|
Anshan Suly Electronics
|
QL5-500KV-0.05A |
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
|
Anshan Suly Electronics
|
GBA35Z GBA35Z-N GBA35Z-P GBA35Z-15 |
Block Type Avalanche Automotive Rectifier Block Type Avalanche Automotive Rectifier Voltage Range 24-32 Volts Current 35 Amps
|
GOOD-ARK Electronics
|
2CLG60KV0.2A |
High voltage rectifier block 2CLG60KV/0.2A 2CLG60KV/0.2A 2CLG60KV/0.2A 2CLG60KV/0.2A adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
|
Anshan Suly Electronics
|
0399100302 399100302 913502 |
10.16mm (.400) Beau Eurostyle? Fixed Mount PCB Terminal Block, High Voltage, High Power 40A, 2 Circuits 10.16mm (.400) Beau?/a> Eurostyle? Fixed Mount PCB Terminal Block, High Voltage, High Power 40A, 2 Circuits 10.16mm (.400") Beau垄芒 Eurostyle垄芒, Fixed Mount PCB Terminal Block, High Voltage, High Power 40A, 2 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
SHM25UFSMS SHM15UFSMSTX SHM20UF RV0015C-15 |
50-250 mA 1500-14000 VOLTS 60-100 Nsec HIGH VOLTAGE RECTIFIER 0.25 A, SILICON, SIGNAL DIODE HIGH VOLTAGE RECTIFIER RECTIFIER
|
Solid State Devices, Inc. SOLID STATE DEVICES INC Solid States Devices, I...
|
SUM40F SUM25FSMS |
(SUM20F - SUM50F) HIGH VOLTAGE RECTIFIER (SUM20FSMS - SUM50FSMS) HIGH VOLTAGE RECTIFIER
|
SSDI
|
F15 F25 F20 F30 |
Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(????靛?2000V锛?钩??????娴?50mA锛?酱??????瀵?????楂??蹇???㈠??存?浜??绠々 Fast Recovery Axial Rectifier1500 V-3000 VIo=0.35 A RECTIFIER, up to 3kV, 350mA, 250ns Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压2000V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压2500V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压3000V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压1500V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Fast Recovery Axial Rectifier.1500 V-3000 V.Io=0.35 A 快速恢复轴向Rectifier.1500 V000五,木卫一\u003d 0.35
|
Semtech Corporation Microsemi, Corp.
|
GBA50-15 |
Block Type Avalanche Automotive Rectifier Voltage Range 20 Volts Current 50 Amps
|
GOOD-ARK Electronics
|